absolute maximum ratings parameter symbol min max unit supply voltage v cc -0.5 5.0 v current of backlight i b operating temperature t op -30 +80 storage temperature t stg electrical characteristics (vdd=3.30.125v 25c) parameter sym condition min typ max unit operating voltage v dd - input dif. voltage (lvds) v id input com. mode volt. v cm wled power consumption p 2 physical data module size....................................243.0w x185.6h x7.3t mm active area size......................................211.2 w x158.0 h mm dot pitch..................................................0.264w x 0.264h mm weight.................................................................................tbd pin connections pin no. symbol function dimensional drawing 10.4?, svga (800 x600) , led driver vdd gnd 3.3v power supply hda1040s-g absolute maximum ratings features viewing angle(h/vl)........................................140/110 degrees high contrast....................................................................500:1 fast response time(r/f)............................................20 msec built-in led driver.................................................................... features - operating current i dd brightness l 400 500 - cd/m c (tft) -20 +70 c 100 - 600 mv - - 1.40 v v = 3.3v - tbd - ma - tbd - w 3.0 3.3 3.6 v dd 5 rxin0 - h/l lvds (-) - chanel 0 2 vdd - +3.3v power supply 1 vdd - +3.3v power supply 18 nc - no connection 4 gnd - ground 800x600 opeating current (led) i - - tbd - ma power supply (led) v - - 12 - v 7 gnd - ground 6 rxin0+ h/l lvds(+)-chanel0 9 rxin1+ h/l lvds(+)-chanel1 8 rxin1 - h/l lvds (-) - chanel 1 11 rxin2 - h/l lvds (-) - chanel 2 10 gnd - ground 13 gnd - ground 16 gnd - ground 17 nc - no connection led lvds interface logic............................................................... 3 gnd - ground touch screen ..............................................................optional 12v -tbdma 19 nc - no connection 20 nc - no connection 12 rxin2 + h/l lvds (+) - chanel 2 14 rxclkin - h/l lvd s(-)-clock 15 rxclkin - h/l lvd s(-)-clock vcc pin connections (backlight) pin no. symbol function 1 vcc - +12v power supply 5 gnd - ground 2 gnd - ground 3 on/off h/l - backlight on/off 4 dimming - brightness adjustment input
dimensional drawing hda1040s-g 10.4?, svga (800 x600) , led driver
|